Part Number Hot Search : 
AQV214 SC2932 1N5253B MAX16 ISP1520 TFS150G3 VF168 TFS150G3
Product Description
Full Text Search
 

To Download AD7902BRQZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual pseudo differential 16-bit, 1 msps pulsar adc 12.0 mw in qsop data sheet ad7902 rev. 0 document feedback information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. specifications subject to change without notice. no license is granted by implication or otherwise under any patent or patent rights of analog devices. trademarks and registered trademarks are the property of their respective owners. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781.329.4700 ?2014 analog devices, inc. all rights reserved. technical support www.analog.com features 16-bit resolution with no missing codes throughput: 1 msps low power dissipation 7.0 mw at 1 msps (v dd1 and v dd2 only) 12.0 mw at 1 msps (total) 140 w at 10 ksps inl: 1.0 lsb typical, 2.5 lsb maximum sinad: 91 db at 1 khz thd: ?105 db at 1 khz pseudo differential analog input range 0 v to v ref with v ref between 2.4 v to 5.1 v allows use of any input range easy to drive with the ada4841-x no pipeline delay single-supply 2.5 v operation wi th 1.8 v/2.5 v/3 v/5 v logic interface serial port interface (spi) qspi/microwire/dsp compatible 20-lead qsop package wide operating temperature range: ?40c to +125c applications battery-powered equipment communications automated test equipment (ate) data acquisition medical instrumentation redundant measurement simultaneous sampling general description the ad7902 is a dual 16-bit, successive approximation, analog- to-digital converter (adc) that operates from a single power supply, vddx, per adc. it contains two low power, high speed, 16-bit sampling adcs and a versatile serial port interface (spi). on the cnvx rising edge, the ad7902 samples an analog input, in+, in the range of 0 v to v ref with respect to a ground sense, in?. the externally applied reference voltage of the refx pins (v ref ) can be set independently from the supply voltage pins, vddx. the power of the device scales linearly with throughput. using the sdix inputs, the spi-compatible serial interface can also daisy-chain multiple adcs on a single 3-wire bus and provide an optional busy indicator. it is compatible with 1.8 v, 2.5 v, 3 v, or 5 v logic, using the separate viox supplies. the ad7902 is available in a 20-lead qsop package with operation specified from ?40c to +125c. table 1. msop 14-/16-/18-bit pulsar? adcs bits 100 ksps 250 ksps 400 ksps to 500 ksps 1000 ksps adc driver 18 ad7691 1 ad7690 1 ad7982 1 ada4941-1 ada4841-x 16 ad7680 ad7685 1 ad7686 1 ad7980 1 ada4941-1 ad7683 ad7687 1 ad7688 1 ad7903 ada4841-x ad7684 ad7694 ad7693 1 ad7902 14 ad7940 ad7942 1 ad7946 1 1 pin-for-pin compatible. functional block diagram figure 1. gnd vdd1 vdd2 2.5v ref1 ref2 ref = 2.5v to 5v adc1 in1+ in1? vio1 sdi1 sck1 cnv1 sdo1 vio1/vio2 sdi1/sdi2 sck1/sck2 cnv1/cnv2 sdo1 adc2 in2+ in2? vio2 sdi2 sck2 cnv2 sdo2 sdo2 3-wire or 4-wire interface (spi, cs, and chain modes) ad7902 0v to vref 0v to vref 11756-001
important links for the ad7902 * last content update 03/18/2014 12:48 pm documentation an-1141: powering a dual supply precision adc with switching regulators an-931: understanding pulsar adc support circuitry an-932: power supply sequencing an-877: interfacing to high speed adcs via spi an-935: designing an adc transformer-coupled front end an-742: frequency domain response of switched-capacitor adcs mt-031: grounding data converters and solving the mystery of ug-608: evaluating the ad7902 dual pseudo differential, 16-bit, 1 msps pulsar adc ms-2210: designing power supplies for high speed adc ms-2022: seven steps to successful analog-to-digital signal conversion (noise calculation for proper signal conditioning) ms-2124: understanding ac behaviors of high speed adcs visit the ad7902 product page for more documentation. suggested companion products recommended driver amplifiers for the ad7902 for low frequency, precision, low bias current applications, we recommend the ada4627-1, ada4637-1 or the ad8610 . for precision, low power, low distortion applications, we recommend the ada4841-1, ada4896-2 or the ad8031 . for high frequency, low noise, low distortion applications, we recommend the ada4899, ada4897-1, or the ad8021 . for additional driver amplifier selections , we recommend selecting the product category and filtering on our parametric search tables. recommended external voltage references for the ad7902 for a low noise, high accuracy 2.5v reference, we recommend the adr431 or the adr4525 . for a low noise, high accuracy 3v reference, we suggest the adr433 or the adr4533 . for a low noise, high accuracy 5v reference, we recommend the adr435 or the adr4550 . for driving the voltage reference input, we recommend the ad8031 or the ad8605 buffer amplifiers. for additional voltage reference selections , we recommend filtering on our parametric search tables. recommended digital isolators for the ad7902 for spi interface, lowest power, 2.5 kvrms isolation, we recommend the adum1401 . for spi interface, enhanced system-level esd performance, 2.5 kvrms isolation, we recommend the adum3401 . for spi interface, low power, 5.0 kvrms isolation, we recommend the adum4401 . for spi interface, smallest package, low voltage i/o (1.8 v to 5.5 v), we recommend the adum3481 . for additional digital isolator selections , we recommend filtering on our parametric search tables. similar products & parametric selection tables find similar products by operating parameters design tools, models, drivers & software ad7902 ibis model evaluation kits & symbols & footprints view the evaluation boards and kits page for documentation and purchasing symbols and footprints design collaboration community collaborate online with the adi support team and other designers about select adi products. follow us on twitter: www.twitter.com/adi_news like us on facebook: www.facebook.com/analogdevicesinc design support submit your support request here: linear and data converters embedded processing and dsp telephone our customer interaction centers toll free: americas: 1-800-262-5643 europe: 00800-266-822-82 china: 4006-100-006 india: 1800-419-0108 russia: 8-800-555-45-90 quality and reliability lead(pb)-free data package information sample & buy ad7902 view price & packaging request evaluation board request samples check inventory & purchase find local distributors * this page was dynamically generated by analog devices, inc. and inserted into this data sheet. note: dynamic changes to the content on this page (labeled 'important links') does not constitute a change to the revision number of the product data sheet. this content may be frequently modified. powered by tcpdf (www.tcpdf.org)
ad7902 data sheet rev. 0 | page 2 of 28 table of contents features .............................................................................................. 1 applications ....................................................................................... 1 functional block diagram .............................................................. 1 r evision history ............................................................................... 2 specifications ..................................................................................... 3 timing specifications .................................................................. 5 absolute maximum ratings ............................................................ 6 esd caution .................................................................................. 6 pin configuration and function descriptions ............................. 7 typical p erformance characteristics ............................................. 8 ter mi nolo g y .................................................................................... 13 theory of operation ...................................................................... 14 circuit information .................................................................... 14 converter operation .................................................................. 14 typical connection diagram ................................................... 15 analog inputs ............................................................................. 15 driver amplifier choice ........................................................... 16 voltage reference input ............................................................ 16 power supply ............................................................................... 17 digital interface .......................................................................... 17 cs mode ...................................................................................... 18 chain mode ................................................................................ 22 applications information .............................................................. 24 simultaneous sampling ............................................................. 24 functional saftey considerations ............................................ 25 layout ............................................................................................... 26 evaluating performance of the ad7902 .................................. 26 outline dimensions ....................................................................... 27 ordering guide .......................................................................... 27 rev ision history 2 /14 revision 0: initial version
data sheet ad7902 rev. 0 | page 3 of 28 specifications v dd = 2.5 v, v io = 2.3 v to 5.5 v, v ref = 5 v, t a = ? 40c to +125c, unless otherwise noted. 1 table 2. parameter test conditions /comments min typ max unit resolution 16 bits analog input 2 voltage range in x + ? in x? 0 v ref v absolute input voltage in x + ? 0.1 v ref + 0.1 v in x +, in x? ?0.1 0 +0.1 v analog input cmrr f in = 450 khz 67 db leakage current at 25c acquisition phase 200 na accuracy no missing codes 16 bits differential nonl inearity error 3 v ref = 5 v ?1.0 0.5 +1.0 lsb v ref = 2.5 v 0.8 lsb integral nonl inearity error 3 v ref = 5 v ?2.5 1.0 +2.5 lsb v ref = 2.5 v 0.9 lsb transition noise 3 v ref = 5 v 0.75 lsb v ref = 2.5 v 1.2 lsb gain error 4 t min to t max ?0.08 0.012 +0.08 % fs gain error temperature drift 0.3 ppm/c gain error match 4 t min to t max 0.016 0.08 % fs zero error 4 t min to t max ?1.25 0.25 +1.25 mv zero temperature drift 0.19 ppm/c zero error match 4 t min to t max 0.2 1.0 mv power supply sensitivity 3 v dd = 2.5 v 5% 0.1 lsb throughput conversion rate v io 2.3 v up to 85c, v io 3.3 v above 85c , up to 125c 0 1 msps transient response full - scale step 290 ns ac accuracy 5 dynamic range v ref = 5 v 92 db v ref = 2.5 v 87 db over s ampled dynamic range f o ut = 10 ksps 111 db signal -to - noise ratio (snr) f in = 1 khz, v ref = 5 v 89.5 91.5 db f in = 1 khz, v ref = 2.5 v 84.5 86.5 db spurious - free dynamic range ( sfdr ) f in = 1 khz ?105 db total harmonic distortion ( thd ) f in = 1 khz ?105 db signal - to - noise - and - distortion ratio (sinad) f in = 1 khz, v ref = 5 v 89 91 db f in = 1 khz, v ref = 2.5 v 84 86 db channel -to - channel isolation f in = 1 0 khz ?112 db 1 t he voltages for the vddx, viox, and refx pins are indicated by v dd , v io , and v ref , respectively. 2 for information regarding input impedance, see the analog input s section 3 for the 5 v input range, 1 lsb = 76.3 v. for the 2.5 v input range, 1 lsb = 38.2 v . 4 see the terminology section. these specifications include full temperature range variation , but they do not include the error contribution from the external reference. 5 all specifications in decibels (db) are re ferred to a full - scale input fsr. although these parameters are referred to full scale, they are tested with an input signal at 0.5 db below full scale, unless otherwise specified.
ad7902 data sheet rev. 0 | page 4 of 28 v dd = 2.5 v, v io = 2.3 v to 5.5 v, t a = ? 40c to +125c, unless otherwise noted. 1 table 3. parameter test conditions /comments min typ max unit reference voltage range 2.4 5.1 v load current 1 msps, v ref = 5 v , e ach adc 330 a sampling dynamics ? 3 db input bandwidth 10 mhz aperture delay v dd = 2.5 v 2.0 ns aperture delay match v dd = 2.5 v 2.0 ns digital inputs logic levels v il v io > 3 v ?0.3 + 0.3 v io v v io 3 v ?0.3 + 0.1 v vio v v ih v io > 3 v 0.7 v io v io + 0.3 v v io 3 v 0.9 v io v io + 0.3 v i il ?1 +1 a i ih ? 1 +1 a digital outputs data format s traight binary bits pipeline delay no delay, c onversion results available immediately after conversion is complete 0 samples v ol i sink = 500 a 0.4 v v oh i source = ?500 a v io ? 0.3 v power supplies vdd x 2.375 2.5 2.625 v vio x specified performance 2.3 5.5 v viox range f ull r ange 1.8 5.5 v i vddx each adc 1.4 1.6 ma i viox each adc 0.2 0.45 ma standby current 2 , 3 v dd and v io = 2.5 v, 25c 0.35 na power dissipation 10 ksps throughput 140 w 1 msps throughput 12.0 16 mw vdd x only 1 msps throughput 7.0 mw ref only 3.3 mw vio only 1.7 mw energy per conversion 7.0 nj/sample temperature range 4 specified performance t min to t max ?40 +125 c 1 in this data sheet, the voltages for the vd dx, viox, and refx pins are in dicated by v dd , v io , and v ref , respectively. 2 with all digital inputs forced to vio x or to ground , as re quired. 3 during the acquisition phase. 4 contact analog devices, inc. , for the extended temperature range.
data sheet ad7902 rev. 0 | page 5 of 28 timing specification s ? 40c to +125c, v dd = 2.37 v to 2.63 v, v io = 2.3 v to 5.5 v, unless otherwise stated. see figure 2 and figure 3 for load conditions. see figure 39, figure 41, figure 43, figure 45, figure 47, figure 49 , and figure 51 for timing diagrams. table 4. parameter symbol min typ max unit conversion time (cnvx rising edge to data available ) t conv 500 710 ns acquisition time t acq 290 ns time between conversions t cyc vio x above 2.3 v 1000 ns cnvx pulse width ( cs mode) t cnvh 10 ns sckx period ( cs mode) t sck vio x above 4.5 v 10.5 ns vio x above 3 v 12 ns vio x above 2.7 v 13 ns vio x above 2.3 v 15 ns sckx period ( chain mode ) t sck vio x above 4.5 v 11.5 ns vio x above 3 v 13 ns vio x above 2.7 v 14 ns vio x above 2.3 v 16 ns sckx low time t sckl 4.5 ns sckx high time t sckh 4.5 ns sckx falling edge to data remains valid t hsdo 3 ns sckx falling edge to data valid delay t dsdo vio x above 4.5 v 9.5 ns vio x above 3 v 11 ns vio x above 2.7 v 12 ns vio x above 2.3 v 14 ns cnvx or sdix low to sdox, d15 (msb) valid ( cs mode) t en vio x above 3 v 10 ns vio x above 2.3 v 15 ns cnvx or sdix high or last sckx falling edge to sdox high impedance ( cs mode) t dis 20 ns sdix valid setup time from cnvx rising edge ( cs mode ) t ssdicnv 5 ns sdix valid hold time from cnv x rising edge ( cs mode) t hsdicnv 2 ns sckx valid setup time from cnv x rising edge ( chain m ode ) t ssckcnv 5 ns sckx valid hold time from cnv x rising edge ( chain m ode ) t hsckcnv 5 ns sdix valid setup time from sck x falling edge ( chain m ode ) t ssdisck 2 ns sdi x valid hold time from sck x falling edge ( chain m ode ) t hsdisck 3 ns sdix high to sdo x high ( chain m ode with busy indicator) t dsdosdi 15 ns figure 2 . load circuit for digital interface timing figure 3 . voltage levels for timing 500a i ol 500a i oh 1.4v to sdox c l 20pf 1 1756-002 x% viox 1 y% viox 1 v ih 2 v il 2 v il 2 v ih 2 t delay t delay 1 for viox 3.0v, x = 90 and y = 10; for viox > 3.0v, x = 70 and y = 30. 2 minimum v ih and maximum v il used. see specifications for digital inputs parameter in table 3. 1 1756-003
ad7902 data sheet rev. 0 | page 6 of 28 absolute maximum rat ings table 5. parameter rating analog inputs in x +, in x? to gnd 1 ? 0.3 v to v ref + 0.3 v or 1 0 ma supply voltage ref x , vio x to gnd ? 0.3 v to +6.0 v vdd x to gnd ? 0.3 v to +3.0 v vdd x to vio x +3 v to ?6 v digital inputs to gnd ? 0.3 v to v io + 0.3 v digital outputs to gnd ? 0.3 v to v io + 0.3 v storage temperature range ? 65c to +150c junction temperature 150c lead temperature s vapor phase (60 sec) 25 5c i nfrared (15 sec) 260c stresses at or above those listed under absolute maximum ratings may cause permanent damage to the product. this is a stress rating only; functional operation of the product at these or any other conditions above those indicated in the operational section of this specification is not implied. operation beyond the maximum operating conditions for extended periods may affect product reliability. esd caution 1 see the analog input s section for an explanation of in x + and in x?.
data sheet ad7902 rev. 0 | page 7 of 28 pin configuration and function descripti ons figure 4 . pin configuration table 6 . pin function descriptions pin no. mnemonic type 1 description 1, 6 ref 1, ref2 ai reference input voltage. the ref x range is 2. 4 v to 5. 1 v. the se pin s are referred to the gnd pin , and decouple each pin closely to the gnd pin with a 10 f capacitor. 2, 7 vdd 1, vdd2 p power supplies . 3, 8 in 1+, in 2+ ai pseudo differential positive analog input s. 4, 9 in 1?, in 2? ai pseudo differential negative analog input s. 5 , 10 gnd p power supply ground. 11, 16 cnv2, cnv 1 di conver sion input s . th ese input s ha ve multiple functions. on the leading edge, they initiate conversions and select the interface mode of the device : chain mode o r active low chip select mode ( cs mode). in cs mode, the sdo x pin s are enable d when the cnv x pins are low. in chain mode , the data must be read when the cnv x pins are high. 12, 17 sdo2, sdo1 do serial data output s . the conversion result is output on th ese pin s. the conversion result is synchronized to sckx. 13, 18 sck2, sck1 di serial data clock input s . when the device is selected, the conversion result s are shifted out by th ese clock s . 14, 19 sdi2, sdi1 di serial data input s . these input s provid e multiple f unction s. they select the interface mode of the adc , as follows: cs mode is selected if the sdi x pins are high during the cnv x rising edge. in this mode, either sdi x or cnv x can enable the serial output signals when low . i f sdi x or cnv x is low when the conversion is complete, the busy indicator feature is enabled. 15, 20 vio 2, vio 1 p input/output interface digital power. nominally at the same supply as the host interface (2.5 v or 3 .3 v). 1 ai is analog input, di is digital input, do is digital output, and p is power . 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 vdd1 in1+ in1? vdd2 ref2 gnd ref1 sdi1 sck1 sdo1 sdi2 vio2 cnv1 gnd in2? in2+ cnv2 sdo2 sck2 vio1 ad7902 top view (not to scale) 1 1756-004
ad7902 data sheet rev. 0 | page 8 of 28 typical performance characteristics v dd = 2.5 v, v ref = 5.0 v, v io = 3.3 v, t a = 25c , f sample = 1 msps, f in = 10 khz, unless otherwise noted. figure 5 . integral nonlinearity vs. code, v ref = 5 v figure 6 . integral nonlinearity vs. code, v ref = 2.5 v figure 7 . fft plot, v ref = 5 v figure 8. differential nonlinearity vs. code, v ref = 5 v figure 9 . differential nonlinearity vs. code, v ref = 2.5 v figure 10 . fft plot, v ref = 2.5 v 0 65536 16384 32768 49152 1.0 ?1.0 ?0.8 ?0.6 ?0.4 ?0.2 0 0.2 0.4 0.6 0.8 inl (lsb) code positive inl: +0.35 lsb negative inl: ?0.90 lsb 1 1756-405 0 65536 16384 32768 49152 positive inl: +0.60 lsb negative inl: ?0.60 lsb 1.0 ?1.0 ?0.8 ?0.6 ?0.4 ?0.2 0 0.2 0.4 0.6 0.8 inl (lsb) code 1 1756-406 0 500 100 200 300 400 0 ?180 ?160 ?140 ?120 ?100 ?80 ?60 ?40 ?20 snr (db) frequency (khz) f sample = 1msps f in = 10khz snr = 91.37db thd = ?103.7db sfdr = 104.5db sinad = 91.15db 1 1756-407 1.0 ?1.0 ?0.8 ?0.6 ?0.4 ?0.2 0 0.2 0.4 0.6 0.8 dnl (lsb) code 0 65536 16384 32768 49152 positive dnl: +0.38 lsb negative dnl: ?0.42 lsb 1 1756-408 1.0 ?1.0 ?0.8 ?0.6 ?0.4 ?0.2 0 0.2 0.4 0.6 0.8 dnl (lsb) code 0 65536 16384 32768 49152 positive dnl: +0.60 lsb negative dnl: ?0.58 lsb 1 1756-409 0 ?180 ?160 ?140 ?120 ?100 ?80 ?60 ?40 ?20 snr (db) frequency (khz) f sample = 1msps f in = 10khz snr = 85.85db thd = ?103.0db sfdr = 105.2db sinad = 85.76db 0 500 100 200 300 400 1 1756-410
data sheet ad7902 rev. 0 | page 9 of 28 figure 11 . histogram of a dc input at the code center, v ref = 5 v figure 12 . histogram of a dc input at the code transition, v ref = 5 v figure 13 . snr, sinad, and enob vs. reference voltage figure 14 . histogram of a dc input at the code center, v ref = 2.5 v figure 15 . snr vs. input level figure 16 . thd and sfdr vs. reference voltage 50000 45000 40000 35000 30000 25000 20000 15000 10000 5000 0 number of occurrences codes in hex fa6c fa6d fa6e fa6f fa70 fa71 fa72 fa73 fa74 fa75 fa76 210 12406 41352 11317 249 1 1756-4 11 50000 45000 40000 35000 30000 25000 20000 15000 10000 5000 0 number of occurrences codes in hex f87c f87d f87e f87f f880 f881 f882 f883 f884 f885 19 3393 31890 28056 2177 1 1756-412 100 98 96 94 92 90 88 86 84 82 80 16.0 12.0 12.5 13.0 13.5 14.0 14.5 15.0 15.5 2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25 snr, sinad (db) enob (bits) reference voltage (v) snr sinad enob 1 1756-413 50000 45000 40000 35000 30000 25000 20000 15000 10000 5000 0 number of occurrences codes in hex 135 38 4 3524 2991 521 33 46115 12174 1 1756-414 faba fabb fabc fabd fabe fabf fac0 fac1 fac2 fac3 fac4 fac5 fac6 94 93 92 91 90 89 88 ?10 ?9 ?8 ?7 ?6 ?5 ?4 ?3 ?2 ?1 ?0.1 snr (db) input level (db) 1 1756-415 ?95 ?125 ?110 ?115 ?105 ?100 ?120 2.25 5.25 reference voltage (v) thd (db) sfdr (db) 2.75 3.25 3.75 4.25 4.75 thd sfdr 100 102 104 106 108 110 112 114 1 1756-416
ad7902 data sheet rev. 0 | page 10 of 28 figure 17 . sinad vs. input frequency figure 18 . snr vs. temperature figure 19 . operating currents for each adc vs. supply voltage figure 20 . thd vs. input frequency figure 21 . thd vs. temperature figure 22 . operating currents for each adc vs. throughput 91 80 81 82 83 84 85 86 87 88 89 90 1k 10k input frequency (hz) sinad (db) 100k 1m 1 1756-417 92.5 89.5 90.0 90.5 91.0 91.5 92.0 temperature (c) snr (db) ?55 ?35 ?15 5 25 45 65 85 105 125 1 1756-418 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 current (ma) 2.425 2.475 supply voltage (v) 2.375 2.525 2.575 2.625 i vdd i ref i vio 11756-050 ?90 ?92 ?94 ?96 ?98 ?100 ?102 ?104 ?106 ?108 ?110 1k 10k input frequency (hz) thd (db) 100k 1m 1 1756-420 ?100 ?105 ?110 ?115 temperature (c) thd (db) ?55 ?35 ?15 5 25 45 65 85 105 125 1 1756-421 1.6 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10 100 sample rate (ksps) current (ma) 1000 i vdd i vio t a = 25c 1 1756-422
data sheet ad7902 rev. 0 | page 11 of 28 figure 23 . operating currents for each adc vs. temperature figure 24 . zero error vs. temperature figure 25 . gain error vs. temperature figure 26 . powe r- down current for each adc vs. temperature figure 27 . zero error match vs. temperature figure 28 . gain error match vs. temperature 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 current (ma) ?55 ?35 ?15 5 25 temperature (c) 45 65 85 105 125 i vdd i ref i vio 11756-053 0.4 ?0.4 ?0.3 ?0.2 ?0.1 0 0.1 0.2 0.3 temperature (c) zero error (mv) ?55 ?35 ?15 5 25 45 65 85 105 125 1 1756-424 0.05 ?0.05 ?0.03 ?0.01 0.01 0.03 temperature (c) gain error (% fs) ?55 ?35 ?15 5 25 45 65 85 105 125 1 1756-425 8 7 6 5 4 3 2 1 0 current (a) ?55 ?35 ?15 5 25 tempera ture (c) 45 65 85 105 125 i vdd + i vio 11756-054 0.4 ?0.4 ?0.3 ?0.2 ?0.1 0 0.1 0.2 0.3 temperature (c) zero error match (mv) ?55 ?35 ?15 5 25 45 65 85 105 125 1 1756-427 0.010 ?0.010 ?0.005 0 0.005 temperature (c) gain error match (% fs) ?55 ?35 ?15 5 25 45 65 85 105 125 1 1756-428
ad7902 data sheet rev. 0 | page 12 of 28 figure 29 . channel - to - channel isolation vs. temperature figure 30 . channel - to - channel isolation vs. input frequency ?100 ?102 ?104 ?106 ?108 ?110 ?112 ?114 ?116 ?118 ?120 temperature (c) channel-to-channel isolation (db) ?55 ?35 ?15 5 25 45 65 85 105 125 f in = 20khz 1 1756-429 ?100 ?102 ?104 ?106 ?108 ?110 ?112 ?114 ?116 ?118 ?120 1k input frequency (hz) channel-to-channel isolation (db) 100k 1m 10k 1 1756-430
data sheet ad7902 rev. 0 | page 13 of 28 terminology integral nonlinearity error (inl) i nl refers to the deviation of each individual code from a line drawn from negative full scale through positive full scale. the point used as negative full scale occurs ? lsb before the first code transition. positive full scale is defined as a level 1? lsb b eyond the last code transition. the deviation is measured from the middle of each code to the true straight line ( see figure 32). differential nonlinearity error (dnl) in an ideal adc, code transitions are 1 lsb apart. dnl is the maximum deviation from this ideal value. it is often specified in terms of resolution for which no missing codes are guaranteed. zero error the first transition should occur at a level ? lsb above analog ground (38.1 v for the 0 v to 5 v range). the zero error is the deviation of the actual transition from that point. zero error match it is th e difference in offsets, expressed in millivolts between the channels of a multichannel converter. it is computed with the following equation: zero matching = v zero max ? v zero min where: v zero max is the most positive zero error. v zero min is the most negative zero error. zero error matching is usually expressed in millivolts with the full - scale input range stated in the product data sheet. gain error the last transition (from 111 10 to 111 11 ) should occur for an analog voltage 1? ls b below the nominal full scale ( 4.999886 v for the 0 v to 5 v range). the gain error is the deviation of the actual level of the last transition from the ideal level after the offset is adjusted out. gain error match it is the ratio of the maximum full scale to the minimum full scale of a multichannel adc. it is expressed as a percentage of full scale using the following equation: %100 2 ? ? ? ? ? ? ? = n min max fsr fsr matching gain where: fsr max is the most positive gain error of the adc. fsr min is the most negative gain error. spu rious - free dynamic range (sfdr) sfdr is the difference, in decibels (db), between the rms amplitude of the input signal and the peak spurious signal. effective number of bits (enob) enob is a measurement of the resolution with a sine wave input. it is related to sinad by the following formula : enob = ( sinad db ? 1.76)/6.02 enob is expressed in bits. noise free code resolution noise free code resolution is the number of bits beyond which it is impossible to distinctly resolve individual codes. it is calculated as follows: noise free code resolution = log 2 (2 n / peak - to - peak noise ) noise free code resolution is expressed in bits. effective resolution effective resolution is calculated as follows: effective resolution = log 2 (2 n / rms input noise ) effective r esolution is expressed in bits . total harmonic distortion (thd) thd is the ratio of the rms sum of the first five harmonic components to the rms value of a full - scale input signal and is expressed in decibels ( db ). dynamic range dynamic range is the ratio of the rms value of the full scale to the total rms noise measured with the inputs shorted together. the value for dynamic range is expressed in decibels ( db ) . it is measured with a signal at ?60 dbf s to include all noise sources and dnl arti facts. signal -to - noise ratio (snr) snr is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the nyquist frequency, excluding harmonics and dc. the value for snr is expressed in decibels ( db ). s ignal -to -n oise - and -d istortion r atio (sinad) sinad is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the nyquist frequency, including harmonics but excluding dc. the value for sinad is expressed in dec ibels ( db ). aperture delay aperture delay is the measure of the acquisition performance. it is the time between the rising edge of the cnv x input and when the input signal is held for a conversion. transient response transient response is the time required for the adc to accurately acquire its input after a full - scale step function is applied.
ad7902 data sheet rev. 0 | page 14 of 28 theory of operation figure 31 . adc simplified schematic circuit information the ad7902 is a fast, low p ower, precise, dual 16 - bit adc using a successive approximation architecture. the ad7902 is capable of simultaneously converting 1,000,000 samples per second (1 msps) and powers down between con - versions. when operating at 10 ksps, for example, it typically consumes 70 w per adc , making it ideal for battery - powered applications. the ad7902 provides the user with an on - chip track - and - hold and does not exhibit any pipeline delay or latency, making it ideal for multi channel multiplexed applications. the ad7902 can be interfaced to any 1.8 v to 5 v digital logi c family. it is available in a 2 0- lead qsop that allows for flexible configurations. the device is pin - fo r- pin compatible with the d ifferential , 16 - bit ad7903 . converter operation the ad7902 is a dual successive approximation adc based on a charge redistribution dac. figure 31 shows the simplified schematic of the adc. the capacitive dac consis ts of two identical arrays of 16 binary - weighted capacitors, which are connected to the two comparator input s. during the acquisition phase of each adc , terminals of the array tied to the input of the comparator are connected to gnd via the switches, sw x + and sw x? . all independent switches are connected to the analog inputs. therefore, the capacitor arrays are used as sampling capacitors and acquire the analog signal on the in x + and in x? inputs. when the acquisition phase is complete and the cnv x input goes high, a conversion phase is initiated. when the conversion phase begin s, sw x + and sw x? are opened first. the two capacitor arrays are then disconnected from the inputs and connected to the gnd input. therefore, the differential voltage between the in x + and in x? inputs , captured at the end of the acquisition phase , is applied to the comparator inputs, causing the comparator to become unbalanced. by switching each element of the capacitor array between gnd and ref x , the comparator input varies by binary - weighted voltage steps (v ref /2, v ref /4 ... v ref /65 ,536 ). the control logic toggles these switches, starting with the msb, to bring the comparator back into a balanced condition. after the completion of this process, the device returns to the acquisition phase, and the control logic generates the adc output code and a busy signal indicator. because the ad7902 has an on - board conversion clock, the serial clock, sck x , is not required for the conversion process. transfer functions the ideal transfe r characteristic for the ad7902 is shown in figure 32 and table 7 . figure 32 . adc ideal transfer function tale 7 . output codes and ideal input voltages description analog input, v ref = 5 v digital output code (hex) fsr ? 1 lsb 4.999924 v ffff 1 midscale + 1 lsb 2.500076 v 8001 midscale 2.5 v 8000 midscale ? 1 lsb 2.499924 v 7fff ? fsr + 1 lsb 76.3 v 0001 ?fsr 0 v 0000 2 1 this is also the code for an overranged analog input (v in+ ? v in? above v ref ? v gnd ). 2 this is also the code for an underranged analog input (v in+ ? v in? below v gnd ). comp switches control busy output code cnvx control logic swx+ lsb swx? lsb inx+ refx gnd inx? msb msb c c 4c 2c 16,384c 32,768c c c 4c 2c 16,384c 32,768c 11756-011 000 ... 000 000 ... 001 000 ... 010 111 ... 101 111 ... 110 111 ... 111 ?fsr ?fsr + 1 lsb ?fsr + 0.5 lsb +fsr ? 1 lsb +fsr ? 1.5 lsb analog input adc code (straight binary) 11756-012
data sheet ad7902 rev. 0 | page 15 of 28 typical connection d iagram figure 35 shows an example of the recommended connection diagram for the ad7902 when multiple supplies are available. analog input s figure 33 shows an equivalent circuit of the input structure of the ad7902 . the two diodes, d1 and d2, provide esd protection for the analog inputs, inx+ and inx?. t he analog input signal must not exceed the reference input voltage ( v ref ) by more than 0.3 v. if the analog input signal exceeds this level, the diodes become forward - biased and start conducting current. these diodes can handle a forward - biased current of 130 ma maximum. however, if the supplies of the input buffer (for example, the supplies of the ada4841 -1 i n figure 35 ) are different from those of the v ref , the analog input signal may eventually exceed the supply rails by more than 0.3 v. in such a case (for exampl e, an input buffer with a short circuit), the current limitation can be used to protect the device . figure 33 . equivalent analog input circuit the analog input structure allows for the sampling of the differential signal between in x + and in x? . by using these differential inputs, signals common to both inputs , and within the allowable common - mode input range , are rejected. figure 34 . analog input cmrr vs. frequency during the acquisition pha se, the impedance of the analog inputs (inx+ or inx?) can be modeled as a parallel combination of the c pin c apacitor and the network formed by the series con nection of r in and c in . c pin is primarily the pin capacitance. r in is typically 400 ? and is a lumped component composed of serial resistors and the on resistance of the switches. c in is typically 30 pf and is mai nly the adc sampling capacitor. during the sampling phase, where the switches are closed, the input impedance is limited to c pin . r in and c in make a one -pole, low - pass filter that reduces undesirable aliasing effects and limits noise. when the source impedance of the driving circuit is low, the ad7902 can be driven directly. large s ource impedances significantly affect the ac performance, especially thd. the dc performances are less sensitive to the input impedance. the maximum source impedance depends on the amount of thd that can be tolerated. the thd degrades as a function of the source impedance and the maximum input frequency. figure 35 . typical application diagram with multiple supplies c pin refx r in c in d1 d2 inx+ or inx? gnd 11756-114 90 85 80 75 70 65 60 1k 10k 100k 1m 10m frequency (hz) cmrr (db) 11756-040 ad7902 adcx 3-wire interface 2.5v v+ 1.8v to 5v 100nf c ref 10f 2 100nf refx inx+ inx? vddx viox sdix cnvx sckx sdox gnd ref 1 20 v+ v? 0v to v ref 2.7nf 4 1 see the voltage reference input section for reference selection. 2 c ref is usually a 10f ceramic capacitor (x5r). see recommended layout in figure 53. 3 see the driver amplifier choice section. 4 optional filter. see the analog inputs section. 11756-013 ada4841-1 3
ad7902 data sheet rev. 0 | page 16 of 28 driver amplifier cho ice although the ad7902 is easy to drive, the driver amplifier must meet the following requirements: ? the noise generated by the driver amplifier must be kept as low as possible to preserve the snr and transition noi se performance of the ad7902 . the noise from the driver is f iltered by the one - pole, low - pass filter of the ad7902 analog input circuit , made by r in and c in or by the external filter, if one is used. because the typical noise of the ad7902 is 56 v rms, the snr degradation due to the amplifier is ? ? ? ? ? ? ? ? ? ? ? ? + = ? 2 2 )( 2 47.3 47.3 log20 n 3db loss nef snr where: f ? 3db is the input bandwidth, in megahertz, of the ad7902 (10 mhz) or the cutoff fre quency of the input filter, if one is used. n is the noise gain of the amplifier ( for example, gain = 1 in buffer configuration ; see figure 35 ). e n is the equivalent input noise voltage of the op amp, in nv/hz. ? for ac applications, the driver must have a thd perfor mance that is commensurate with the ad7902 . ? for multichannel , multiplexed applications, the driver amplifie r and the ad7902 analog input circuit must settle for a full - scale step onto the capacitor array at a 16 - bit level (0.00 15%, 15 ppm). in the amplifier data sheet, settling at 0.1% to 0.01% is more commonly specified. this may differ significantly from the settling time at a 16 - bit level . be sure to verify the settling time prior to driver selection . table 8 . recommended driver amplifiers amplifier typical application ada4841-x very low noise, small, and low power ad8021 very low noise and high frequency ad8022 low noise and high frequency op184 low power, low noise, and low frequency ad8655 5 v single supply, low noise ad8605 , ad8615 5 v single supply, low power voltage reference in put the ad7902 voltage reference input, ref, has a dynamic input impedance and must therefore be driven by a low impedance source with efficient decoupling between the ref x and gnd pins, as explained in the layout section. when ref is driven by a ve ry low impedance source (for example, a r eference buffer using the ad8031 or the ad8605 ), a 10 f (x5r, 0805 size) ceramic chip capacito r is appropriate for optimum performance. if an unbuffered reference voltage is used, the decoupling value depends on the reference used. for instance, a 22 f (x5r, 1206 size) ceramic chip capacitor is appropriate for optimum performance using a low tempe rature drift adr43x reference. if desired, a reference decoupling capacitor with values as small as 2.2 f can be used with a minimal impact on performance, especially dnl. regardless, there is no need for an additional lower value ceramic decoupling capacitor (for example, 100 nf) between the ref x and gnd pins.
data sheet ad7902 rev. 0 | page 17 of 28 power supply the ad7902 uses two power supply pins per adc : a core supply (vdd x ) and a digital input/output interface supply (vio x ). vio x allows direct interface with any logic between 1.8 v and 5 . 5 v. to reduce the number of supplies needed, vio x and vdd x can be tied together. the ad7902 is independent of power supply sequencing between vio x and vdd x . additionally, it is very insensitive to power supply variations over a wide frequency range, as shown in figure 36 . figure 36 . psrr vs. frequency for optimum performance, ensure that vdd x i s roughly half of ref x, the voltage reference input . for example, if ref x is 5.0 v, set vdd x to 2.5 v (5%). the ad7902 powers down automatically at the end of each conversion phase; therefore, the power scales linearly with the sampling rate. this makes the device ideal for low sampling rates (of even a few h ertz) and low battery - powered applications. figure 37 . operating currents per adc vs. sampling rate digital interface although the ad7902 has a reduced number of pins, it offers flexibility in its serial interface modes. when in cs mode, the ad7902 is compatible with spi, qspi, digital hosts, and dsps. in this mode, the ad7902 can use either a 3 - wire or 4 - wire interface. a 3 - wire interface using the cnv x, sckx , and sdo x signals minimizes wiri ng connections useful, for instance, in isolated applications. a 4 - wire interface using the sdi x , cnv x, sck x , and sdo x signals allows cnv x , which initiates the conversions, to be independent of the readback timing (sdi x ). this is useful in low jitter sampl ing or simultaneous sampling applications. when i n chain mode , the ad7902 provides a daisy - chain feature using the sdi x input for cascading multiple adcs on a single data line similar to a shift register. with the ad7902 housing two adcs in one package, c hain mode can be utilized to acquire data from both adcs while using only one set of 4 - wire user interface signals. the mode in which the device operates depends on the sdi x level when the cnv x rising edge occurs. cs mode is selected if sdi x is high, and chain mode is selected if sdi x is low. the sdi x hold time is such that when sdi x and cnv x are connected to gether, chain mode is always selected. in either mode, the ad7902 offers the option of forcing a start bit in front of the data bits. this start bit can be used as a busy signal indicator to interrupt the digital host and trigger the data read ing . otherwise, without a busy indicator, the user must time out the maximum conversion time prior to readback. the busy indicator feature is enabled as follows: ? in cs mode when cnv x or sdi x is low when the adc conversion ends (see figure 41 and figure 45). ? in chain mode when sck x is high during the cnv x rising edge (see figure 49). 95 90 85 80 75 70 65 60 psrr (db) 1k 10k 100k 1m frequency (hz) 11756-139 10 1 0.1 0.01 0.001 operating currents (ma) 100000 sampling rate (sps) 10000 1000000 i ref i vdd i vio 1 1756-137
ad7902 data sheet rev. 0 | page 18 of 28 cs mode cs mode, 3- wire interface without busy indicator cs m ode, using a 3- wire interface without a busy i ndicator , is usually used when a single ad7902 is connected to a spi - compatible digital host. the connection diagram is shown in figure 38 , and the corresponding timing diagram is shown in figure 39. with sdi x tied to vio x , a rising edge on cnv x initiates a con version, selects cs mode, and forces sdo x to high impedance. when a conversion is initiated, it continues until completion , regardless of the state of cnv x . this can be useful, for instance, to bring cnv x low to select other spi devic es, such as analog multiplexers . h owever, to avoid generation of the busy signal indicator , cnv x must be returned high before the minimum conversion time elapses and then held high for the maximum possible conversion time. when the conversion is comp lete, the ad7902 enters the acquisition phase and powers down. when cnv x goes low, the msb is automatically output onto sdo x . the remaining data bits are clocked by subsequent sck x falling edges. the data is valid on both sck x edges. although the rising edge can be used to capture the data, a digital host using the falling edge of sckx allows a faster reading rate, provided that it has an ac ceptable hold time. after the 16 th sckx falling edge or when cnv x goes high (whichever occurs first), sdo x returns to high impedance. figure 38 . cs mode, 3 - wire interface without a busy indicator connection diagram (sdi x high) figure 39 . cs mode, 3 - wire interface without a busy indicator serial interface timing (sdi high) ad7902 sdix sdox cnvx sckx convert data in clk digital host viox 11756-116 sdix = 1 t cnvh t conv t cyc cnvx acquisition acquisition t acq t sck t sckl conversion sckx t en t hsdo 1 2 3 14 15 16 t dsdo t dis t sckh sdox d15 d14 d13 d1 d0 11756-216
data sheet ad7902 rev. 0 | page 19 of 28 cs mode, 3- wire interface with busy indicator cs mode , using a 3- wire interface with a busy indicator, is usually used when a single ad7902 is connected to an spi - compatible digital host having an i nterrupt input. the connection diagram is shown in figure 40 , and the corresponding timing is shown in figure 41 . with sdi x tied to vio x , a rising edge on cnv x initiates a conversion, selects cs mode, and forces sdo x to high impedance. sdo x is maintained in high impedance until the completion of the conversion , regardless of the state of cnv x. prior to the minimum conversion time, cnv x can be used to select other spi devices, such as analog multiplexers, but cnv x must be returned low before the minimum conversion time elapses and then held low for the maximum possible conversion time to guarantee the generation of the busy signal indicator. when the conversion is complete, sdo x goes from high impedance to low impedance. with a pull - up on th e sdo x line, this transition can be used as an interrupt signal to initiate the data reading controlled by the digital host. the ad7902 then enters the acquisition phase and powers down. the data bits are then clocked out, msb first, by subsequent sck x falling edges. the data is valid on both sck x edges. although the rising edge can be used to capture the data, a digital host using the sck x falling edge allows a faster reading rate, provided that i t has an acceptable hold time. after the optional 17 th sck x falling edge or when cnv x goes high (whichever occurs first), sdo x returns to high impedance. if multiple adc s are selected at the same time, the sdo x output pin handles this contention without damage or induced latch - up. meanwhile, it is recommended that this contention be kept as short as possible to limit extra power dissipation. figure 40 . cs mode, 3 - wi re interface with a busy indicator connection diagram (sdi x high) figure 41 . cs mode, 3 - wire interface with a busy indicator serial interface timing (sdi x high) ad7902 sdix sdox cnvx sckx convert data in clk digital host viox irq viox 47k? 11756-118 t conv t cnvh t cyc acquisition acquisition t acq t sck t sckh t sckl conversion sckx cnvx sdix = 1 sdox d15 d14 d1 d0 t hsdo 1 2 3 15 16 17 t dsdo t dis 11756-218
ad7902 data sheet rev. 0 | page 20 of 28 cs mode, 4- wire interface without busy indicator cs mode , using a 4- wire interface without a busy indicator, is usually used when both adcs within the ad7902 are connected to a spi - compatible digital host. see figure 42 for a n ad7902 conn ection diagram example . t he corresponding timing diagram is shown in figure 43 . with sdi x high, a rising edge on cnv x initiates a conversion, selects cs mode, and forces sdo x to high impedance. in this mode, cnv x must be held high during the conversion phase and the subsequent data readback. (if sdi x and cnv x are low, sdo x is driven low.) prior to the minimum conversion time, sdi x can be used to select other spi devices, such as analog multiplexers, but sdi x must be returned high before the minimum conversion time elapses and then held high for the maximum possible conversion time to avoid the generation of the busy signal indicat or. when the conversion is complete, the ad7902 enters the acquisition phase and powers down. each adc result can be read by bringing its respective sdi x input low, which consequently outputs the msb onto sdo x . the r emaining data bits are then clocked by subsequent sck x falling edges. the data is valid on both sck x edges. although the rising edge can be used to capture the data, a digital host using the sckx falling edge allows a faster reading rat e, provided it has an acceptable hold time. after the 1 6 th sck x falling edge or when sdi x goes high (whichever occurs first), sdo x returns to high impedance , and another adc result can be read. figure 42 . cs mode, 4 - wire interface without a busy indicator connection diagram figure 43 . cs mode, 4 - wire interface without a busy indicator serial interface timing ad7902 adc2 sdi2 sdo2 cnv2 sck2 convert data in clk digital host cs1 cs2 ad7902 adc1 sdi1 sdo1 cnv1 sck1 11756-120 t conv t cyc acquisition acquisition t acq t sck t sckh t sckl conversion sckx cnvx t ssdicnv t hsdicnv sdox d 1 15 d 1 13 d 1 14 d 1 1 d 1 0 d 2 15 d 2 14 d 2 1 d 2 0 t hsdo t en 1 2 3 14 15 16 17 18 30 31 32 t dsdo t dis sdi1 (cs1) sdi2 (cs2) 11756-220
data sheet ad7902 rev. 0 | page 21 of 28 cs mode, 4 - wire interface with busy indicator cs mode , 4 - wire with busy indicator, is usually used when a n ad7902 is con nected to a spi - compatible digital host with an interrupt input . this cs mode is also used when it is desir able to keep cnv x , which is used to sample the analog input, indepen - dent of the signal that is used to select the data reading. this independence is particularly important in applications where low jitter on cnv x is desired. the connection diagram is shown in figure 44 , and the corresponding timing is given in figure 45 . with sdi x high, a rising edge on cnv x initiates a conversion, selects cs mode, and forces sdo x to high impedance. in this mode, cnv x must be held high during the conversion phase and the subsequent data readback. (if sdi x and cnv x are low, sdo x is driven low.) prior to the minimum conversion time, sdi x can be used to select ot her spi devices, such as analog multiplexers, but sdi x must be returned low before the minimum conversion time elapses and then held low for the maximum possible conversion time to guarantee the generation of the busy signal indicator. when the conversion is complete, sdo x goes from high impedance to low impedance. with a pull - up on the sdo x line, this transition can be used as an interrupt signal to initiate the data readback controlled by the digital host. the ad7902 then enters the acquisition phase and powers down. the data bits are then clocked out, msb first, by subsequent sck x falling edges. the data is valid on both sck x edges. although the rising edge can be used to capture the data, a digi tal host using the sck x falling edge allows a faster reading rate, provided that it has an acceptable hold time. after the optional 17 th sck x falling edge or sdi x going high (whichever occurs first), sdo x returns to high impedance. figure 44 . cs mode, 4 - wire interface with a busy indicator connection diagram figure 45 . cs mode, 4 - wire interface with a busy indicator serial interface timing ad7902 sdix sdox cnvx sckx convert data in clk digital host irq viox 47k? cs1 11756-122 t conv t cyc acquisition t ssdicnv acquisition t acq t sck t sckh t sckl conversion sdix t hsdicnv sckx cnvx sdox t en d15 d14 d1 d0 t hsdo 1 2 3 15 16 17 t dsdo t dis 11756-222
ad7902 data sheet rev. 0 | page 22 of 28 chain mode chain mode without busy indicator c hain mode without a busy indicator can be use d to daisy - chain both adcs within an ad7902 on a 3 - wire serial interface. this feature is useful for reducing component count and wiring connections, for example, in isolated multiconverter applications or for systems with a limited interfacing capacity. data readback is analogous to clocking a shift register. see figure 46 for a conn ection diagram example using b oth adcs in an ad7902 . t he corresponding timing is shown in figure 47. when sdi x and cnv x are low, sdo x is driven low. with sck x low, a rising edge on cnv x initiates a conversion, selects chain mode, and disables the busy indicator. in this mode, cnv x is held high during the conversion phase and the subsequent data readback. when the conversion is complete, the msb is output onto sdo x and the ad7902 enters the acquisition phase and powers down. the remaining data bits stored in the internal shift register are clocked by subsequent sck x falling edges. for each adc, sdi x feeds the input of the internal shift register and is clocked by the sck x falling edge. each adc in the chain outputs its data msb first, and 1 6 n clocks are required to read back the n adcs. the data is valid on both sck x edges. although the rising edge can be used to capture the data, a digital host using the sck x falling edge allows a faster reading rate and , consequently , more ad7902 devices in the chain, provi ded that the digital host has an acceptable hold time. the maximum conversion rate may be reduced due to the total readback time. figure 46 . chain mode without a busy indicator connection diagram figure 47 . chain mode without a busy indicator serial interface timing convert data in clk digital host ad7902 adc2 sdi2 sdo2 cnv2 sck2 ad7902 adc1 sdi1 sdo1 cnv1 sck1 11756-124 t conv t cyc t ssdisck t sckl t sck t hsdisck t acq acquisition t ssdicnv acquisition t sckh conversion sdo1 = sdi2 t hsdicnv sckx cnvx sdi1 = 0 sdo2 t en d 1 15 d 1 14 d 1 13 d 2 15 d 2 14 d 2 13 d 2 1 d 2 0 d 1 15 d 1 14 d 1 0 d 1 1 d 1 1 d 1 0 t hsdo 1 2 3 15 16 17 14 18 30 31 32 t dsdo 11756-224
data sheet ad7902 rev. 0 | page 23 of 28 chain mode with busy indicator c hain mode with a busy indicator can also be used to daisy - chain both adcs within an ad7902 on a 3 - wire serial interface while providing a busy indicator. this feature is useful for reducing component count and wiring connections, for example, in isolated multiconverter application s or for systems with limited interfacing capacity. data readback is analogous to clocking a shift register. see figure 48 for a connect ion diagram example using thr ee ad7902 adcs . t he corresponding timing is shown in figure 49 . when sdi x and cnv x are low, sdo x is driven low. with sck x high, a rising edge on cnv x initiates a conversion, selects chain mode, and enables the busy indicator feature. in this mode, cnv x is held high during the conversion phase and the subsequent data readback. when all adcs in the chain have completed their conversions, the sdo x pin of the adc closest to the digital host (see the adc labeled adcx in the ad7902 b box in figure 48 ) is driven high. this transition on sdo x can be used as a busy i ndicator to trigger the data readback controlled by the digital host. the ad7902 then enters the acquisition phase and powers down. the data bits stored in the internal shift register are clocked out, msb first, by subsequent sck x falling edges. for each adc, sdi x feeds the input of the internal shift register and is clocked by the sck x falling edge. each adc in the chain outputs its data msb first, and 16 n + 1 clocks are required to read back the n adcs. although the rising edge can be used to capture the data, a digital host using the sck x falling edge allows a faster reading rate and , consequently , more ad cs in the chain, provided that the digital ho s t has an acceptable hold time. figure 48 . chain mode with a busy indicator connection diagram figure 49 . chain mode with a busy indicator serial interface timin g convert data in clk digital host ad7902 sdixb sdoxb cnvx sckx ad7902 ad7902 a ad7902 b sdi1a sdo1a cnvx sckx irq ad7902 sdi2a sdo2a cnvx adcx adc1 adc2 sckx notes 1. dashed line denoted adcs are within a given package. 2. sdi1a and sdo1a refer to the sdi1 and sdo1 pins in adc1 in the first ad7902 of the chain (ad7902 a). sdi2a and sdo2a refer to the sdi2 and sdo2 pins in adc2 of ad7902 a. likewise, sdixb and sdoxb refer to the sdix and sdox pins in both adc1 and adc2 of the second ad7902 in the chain (ad7902 b). 11756-126 t conv t cyc t ssdisck t sckh t sck t hsdisck t acq t dsdosdi t dsdosdi t dsdodsi acquisition t ssckcnv acquisition t sckl conversion t hsckcnv sckx cnvx = sdi1 a sdo1 a = sdi2 a sdo2 a = sdix b sdox b t en d a1 15 d a1 14 d a1 13 d a2 15 d a2 14 d a2 13 d bx 15 d bx 14 d bx 13 d a2 1 d a2 0 d a1 15 d a1 14 d a1 1 d a1 0 d bx 1 d bx 0 d a2 15 d a2 14 d a1 0 d a1 1 d a2 0 d a2 1 d a1 14 d a1 15 d a1 1 d a1 0 t hsdo 1 2 3 15 16 17 4 18 19 31 32 33 34 35 47 48 49 t dsdo t dsdosdi t dsdosdi 11756-226
ad7902 data sheet rev. 0 | page 24 of 28 application s information simultaneous s ampling by having two unique user interfaces, the ad7902 provides maximum flexibility with respect to how conversion results are accessed from the device. the ad7902 provides an option for the two user interfaces to share the convert start (cnv x ) signa l from the digital host , creating a 2- channel , simultaneous sampling device. in applications such as control applications, where latency between the sampling instant and the availability of results in the digital host is critical, it is recommended that the ad7902 be configure d as shown in figure 50 . this configuration allows simultaneous dat a read , in addi tion to simultaneous sampling. however, this configuration also require s an additional data input pin on the digital host. this scenario allow s for the fastest throughput because it requires only 15 or 16 sck x falling edges (depending on the status of the busy indicator ) to acquire data from the adc. alternatively, for applications where simultaneous sampling is require d but pins on the digital host are limi ted, the two user interfaces on the ad7902 can be connected in one of the daisy - chain configuration s s hown in figure 46 and figure 48 . this daisy chaining allow s the user to implement simultaneous sampling fu nctionality while requiring only one digital host input pin. this scenario require s 31 or 32 sckx falling edges (depending on the status of the busy indicator) to acquire data from the adc . figure 50 shows an example of a simultaneous sampling system using two data inputs for the digital host. the corresponding timing diagram in figure 51 shows a cs mode , 3 -w ire simul - taneous sampling serial interface with out busy i ndicator. however, any of the 3 - wire or 4 - wire serial interface timing options can be used. figure 50 . potential simultaneous sampling connection diagram figure 51 . potential simultaneous sampling serial interface timing vio1 vio2 convert data in 2 clk digital host data in 1 ad7902 adc2 sdi2 sdo2 cnv2 sck2 ad7902 adc1 sdi1 sdo1 cnv1 sck1 11756-324 sdix = 1 t cnvh t conv t cyc cnvx acquisition acquisition t acq t sck t sckl conversion sckx t en t hsdo 1 2 3 14 15 16 t dsdo t dis t sckh sdo1 d15 d14 d13 d1 d0 sdo2 d15 d14 d13 d1 d0 11756-316
data sheet ad7902 rev. 0 | page 25 of 28 functional saftey considerations the ad7902 contains two physically isolated adcs, making it ideally suited for functional safety applications. because of this isolation, each adc features an inde pendent user interface, an independent reference input, an independent analog input , and independent supplies. physical isolation renders the device suitable for taking verification/ back up measurements while separating the verification adc from the system under control. although the simultaneous s ampling section describe s how to operate the device in a simultaneous nature, the circuit is actually composed of two individual signal chains. this separation makes the ad7902 ideal for handling redundant measurement applications. implementing a signal chain with redundant adc mea surement can contribute to a no single error system. figure 52 shows a typical functional safety application circuit consisting of a redundant measurement with the employment of monitoring the inverted signal. the inversion is applied to detect common cause failures where it is expected that the circuit output move s in the same direction during a fault condition , instead of moving in the opposite direction as expected . in addition , the qsop package that houses the device provides access to the leads for inspection . figure 52 . typical functional safety block diagram gnd vdd1 vdd2 2.5v ref1 ref2 ref = 2.5v to 5v adc1 in1+ in1? vio1 sdi1 sck1 cnv1 sdo1 sdi1 sck1 cnv1 sdo1 sdi2 vio1 vio2 sck2 cnv2 sdo2 adc2 in2+ in2? vio2 sdi2 sck2 cnv2 sdo2 ad7902 physically isolated adcs 0v to vref ada4841-1 vref ada4841-1 r r r r 1 1756-146
ad7902 data sheet rev. 0 | page 26 of 28 layout design t he printed circuit board (pcb) of the ad7902 such that the analog and digital sections are separated and confined to certain areas of the board. the pinout of the ad7902 , with its analog signals on the left side and its digital signals on the right side, eases this task. avoid running digital lines under the device because these couple noise onto th e die unless a ground plane under the ad7902 is used as a shield. do not run f ast switching signals, such as cnv x or clocks, near analog signal paths. avoid c rossover of digital and analog signals. to avoid signal fidelity issues, take c are to ensure monotonicity of digital edges in the pcb layout . use a t least one ground plane . it can be shared between or split between the digital and analog sections. in the latter case, join the planes underneath the ad7902 . the ad7902 voltage reference input s, ref 1 and ref2, ha ve a dynamic input impedance . decouple these reference inputs with minimal parasitic inductances by placing the reference decoupling ceramic capacitor in close proximity to ( ideally , right up against ) the ref x and gnd pins and then connecting them with wide, low impedance traces. finally, decouple the power supplies , vdd x and vio x, with ceram ic capacitors, typically 100 nf. place them in close proximity to the ad7902 and connect them using short, wide traces to provide low impedance paths and to reduce the effect of glitches on the po wer supply lines. see figure 53 for a n example of layout following these rules . evaluating performance of the ad7902 other recommended layouts for the ad7902 are outlined in user guide u g- 608. t he package for the evaluation board ( e va l - ad7902sdz ) includes a fully assembled and tested evaluation board, user guide , and software for controlling the board from a pc via the e va l - sdp - cb1z . figure 53 . example layout of the ad7902 (top layer) ref1 vdd1 in1+ in1? gnd ref2 vdd2 in2+ in2? gnd vio1 sdi1 sck1 sdo1 cnv1 vio2 sdi2 sck2 sdo2 cnv2 gnd ref ref ref gnd gnd gnd vdd vdd gnd vio vio gnd 1 1756-147
data sheet ad7902 rev. 0 | page 27 of 28 outline dimensions figure 54 . 20- lead shrink small outline package [q sop] (r q-2 0) dimensions shown in inches and ( millimeters ) ordering guide model 1 temperature range package description package option transport media, quantity ad7 902 brqz ?40 c to +125 c 20- lead shrink small outline package [ q sop ] rq-20 tube, 5 6 ad7902 brqz - rl7 ? 40c to +125 c 20- lead shrink small outline package [ q sop ] rq-20 reel, 1,000 eval - ad7902 sdz evaluation board eval - sdp - cb1z controller board 1 z = rohs compliant part. compliant to jedec standards mo-137-ad controlling dimensions are in inches; millimeter dimensions (in parentheses) are rounded-off inch equivalents for reference only and are not appropriate for use in design. 20 11 10 1 seating plane 0.010 (0.25) 0.004 (0.10) 0.012 (0.30) 0.008 (0.20) 0.025 (0.64) bsc 0.041 (1.04) ref 0.010 (0.25) 0.006 (0.15) 0.050 (1.27) 0.016 (0.41) 0.020 (0.51) 0.010 (0.25) 8 0 coplanarity 0.004 (0.10) 0.065 (1.65) 0.049 (1.25) 0.069 (1.75) 0.053 (1.35) 0.345 (8.76) 0.341 (8.66) 0.337 (8.55) 0.158 (4.01) 0.154 (3.91) 0.150 (3.81) 0.244 (6.20) 0.236 (5.99) 0.228 (5.79) 08-19-2008-a
ad7902 data sheet rev. 0 | page 28 of 28 notes ? 2014 analog devices, inc. all rights reserved. trademarks and registered trademarks are the property of their respective owners. d11756 -0- 2 /14(0)


▲Up To Search▲   

 
Price & Availability of AD7902BRQZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X